| データシートサーチシステム |
|
447MS981 データシート(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
447MS981 データシート(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 X-36 © 2014 Glenair, Inc. Series 80 Mighty Mouse U.S. CAGE Code 06324 Printed in U.S.A. Dimensions in Inches (millimeters) are subject to change without notice. X Series 80 Mighty Mouse EMI/RFI Backshell Band-In-A-Can Backshell 447MS981 Ordering Information A THREAD K øH øL .36 (9.14) LENGTH J CLOSED øB Table II: Cable Entry Code Entry Code Ø H J Closed K Ø L Max in. mm. in. mm. in. mm. in. mm. 02 0.125 3.18 0.075 1.91 0.490 12.45 0.520 13.21 25 0.156 3.96 0.094 2.39 0.520 13.21 0.550 13.97 03 0.188 4.78 0.113 2.87 0.550 13.97 0.580 14.73 35 0.219 5.56 0.131 3.33 0.580 14.73 0.610 15.49 04 0.250 6.35 0.150 3.81 0.615 15.62 0.645 16.38 05 0.313 7.95 0.188 4.78 0.680 17.27 0.710 18.03 06 0.375 9.53 0.225 5.72 0.740 18.80 0.770 19.56 07 0.438 11.13 0.263 6.68 0.800 20.32 0.830 21.08 08 0.500 12.70 0.300 7.62 0.865 21.97 0.895 22.73 09 0.563 14.30 TBD* TBD* TBD* 10 0.625 15.88 TBD* TBD* TBD* 11 0.688 17.48 TBD* TBD* TBD* 12 0.750 19.05 TBD* TBD* TBD* 13 0.813 20.65 TBD* TBD* TBD* 14 0.875 22.23 TBD* TBD* TBD* 15 0.938 23.83 TBD* TBD* TBD* 16 1.000 25.40 TBD* TBD* TBD* * Consult Factory Table I: Size Code Size Code 800 801 803 804 805 A Thread UNEF - 2B Ø B Max Max Entry In. mm. 05 5 5 5 5 - .2500-32 0.470 11.94 25 06 6 6 6 6 - .3125-32 0.530 13.46 35 11 - - - - 8 .3750-32 0.570 14.48 04 07 7 7 7 7 9 .4375-28 0.637 16.18 05 08 8 8 8 8 10 .5000-28 0.700 17.78 06 09 9 9 9 9 11 .5625-24 0.758 19.25 07 10 10 10 10 10 12 .6250-24 0.819 20.80 08 12 12 13 12 12 - .6875-24 0.896 22.76 09 13 - - - - 15 .7500-20 0.930 23.62 10 14 - 16,17 14,15 14,15 18,19 .9375-20 1.137 28.88 13 16 19 21 1.0625-18 1.250 31.75 14 17 - 21 - - 23 1.1875-18 1.387 35.48 16 |