データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV62090 データシート(PDF) 1 Page - Texas Instruments

部品番号 TLV62090
部品情報  TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV62090 データシート(HTML) 1 Page - Texas Instruments

  TLV62090_15 Datasheet HTML 1Page - Texas Instruments TLV62090_15 Datasheet HTML 2Page - Texas Instruments TLV62090_15 Datasheet HTML 3Page - Texas Instruments TLV62090_15 Datasheet HTML 4Page - Texas Instruments TLV62090_15 Datasheet HTML 5Page - Texas Instruments TLV62090_15 Datasheet HTML 6Page - Texas Instruments TLV62090_15 Datasheet HTML 7Page - Texas Instruments TLV62090_15 Datasheet HTML 8Page - Texas Instruments TLV62090_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
50
55
60
65
70
75
80
85
90
95
100
100m
1
10
100
1k
10k
I load (mA)
VIN = 3.7 V
VIN = 4.2 V
VIN = 5 V
VOUT = 3.3 V
L = 1 µH
f = 1.4 MHz
G002
Vout
1.8V/3A
Vin
2.5V to 5.5V
PVIN
PVIN
EN
FB
C1
22mF
L1
1 H
m
C2
22mF
R1
200k
SW
TLV62090
SW
Power Good
AVIN
R2
160k
SS
R3
500k
AGND
PG
C4
10nF
VOS
DEF
CP
CN
C3
10nF
1
2
13
4
5
6
PGND PGND
7
8
9
10
11
12
3
14
15
16
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV62090
SLVSBB9D – MARCH 2012 – REVISED SEPTEMBER 2015
TLV62090 3A High Efficient Synchronous Step Down Converter with DCS™ Control
1 Features
3 Description
The
TLV62090
device
is
a
high
frequency
1
2.5 V to 5.5 V Input Voltage Range
synchronous step down converter optimized for small
DCS™ Control
solution size, high efficiency and suitable for battery
95% Converter Efficiency
powered applications. To maximize efficiency, the
converter operates in PWM mode with a nominal
Power Save Mode
switching frequency of 1.4 MHz and automatically
20 µA Operating Quiescent Current
enters Power Save Mode operation at light load
100% Duty Cycle for Lowest Dropout
currents. When used in distributed power supplies
and point of load regulation, the device allows voltage
1.4 MHz Typical Switching Frequency
tracking to other voltage rails and tolerates output
0.8 V to VIN Adjustable Output Voltage
capacitors ranging from 10 µF up to 150 µF and
Output Discharge Function
beyond. Using the DCS™ Control topology the device
Adjustable Softstart
achieves excellent load transient performance and
accurate output voltage regulation.
Two Level Short Circuit Protection
Output Voltage Tracking
The output voltage start-up ramp is controlled by the
softstart pin, which allows operation as either a
Wide Output Capacitance Selection
standalone power supply or in tracking configurations.
Available in 3.00 x 3.00mm 16 Pin VQFN
Power sequencing is also possible by configuring the
Package
Enable and Power Good pins. In Power Save Mode,
the device operates at typically 20 µA quiescent
2 Applications
current. Power Save Mode is entered automatically
and seamlessly maintaining high efficiency over the
Distributed Power Supplies
entire load current range.
Notebook, Netbook Computers
Hard Disk Drivers (HDD)
Device Information(1)
Solid State Drive (SSD)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV62090
VQFN (16)
3.00mm x 3.00mm
Processor Supply
Battery Powered Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - TLV62090_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
More results

同様の説明 - TLV62090_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62090 TI1-TPS62090 Datasheet
1Mb / 26P
3A High Efficient Synchronous Step Down Converter with DCS??Control
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
3A, Synchronous Step-Down Converter
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
4-17V 3A Step-Down Converter with DCS-Control
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
logo
Eutech Microelectronics...
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
3A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com