| データシートサーチシステム |
|
MBR545 データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MBR545 データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MBR545 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R601-229.b SCHOTTKY BARRIER RECTIFIER DESCRIPTION The UTC MBR545 is a schottky barrier rectifier, it uses UTC’s advanced technology to provide customers with low forward voltage drop, high current capability and high efficiency, etc. The UTC MBR545 is suitable for use in free wheeling, high frequency inverters, low voltage and polarity protection applications. FEATURES * Low forward voltage drop * High efficiency * Low power loss * High surge capability * High current capability SMB (JEDEC DO-214AA) + - SMA (JEDEC DO-214AC) + - ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 Packing MBR545L-SMA-R MBR545G-SMA-R SMA K A Tape Reel MBR545L-SMB-R MBR545G-SMB-R SMB K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING |
同様の部品番号 - MBR545 |
|
同様の説明 - MBR545 |