データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLG データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SLG
部品情報  Ultra High Pressure Flow Sensor for LC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SLG データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SLG Datasheet HTML 1Page - List of Unclassifed Manufacturers SLG Datasheet HTML 2Page - List of Unclassifed Manufacturers SLG Datasheet HTML 3Page - List of Unclassifed Manufacturers SLG Datasheet HTML 4Page - List of Unclassifed Manufacturers SLG Datasheet HTML 5Page - List of Unclassifed Manufacturers SLG Datasheet HTML 6Page - List of Unclassifed Manufacturers SLG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.sensirion.com
Version 4 – September 2015
2/7
1.1 Precision/Extended Mode with the SLG-0075
The SLG-0075 is offering two different flow sensing modes. The Precision Mode allows for precise flow sensing
starting at zero flow while the Extended Mode is made for a rough estimation of the current mass flow in higher flow
ranges. The Precision Mode is fully bi-directional with continuous output at and around zero. The Extended Mode is
uni-directional (positive flow direction only), and sensor output is restricted to the flow range between 2000 nl/min to
22000 nl/min. The calibration for each mode is stored on a separate calibration field (CF):
Calibration field 0: Precision Mode (default)
Calibration field 1: Extended Mode
For switching between the two modes of operation the internal calibration field has to be selected accordingly. This
can be done either by using the Sensirion USB/RS485 Viewer Software or by specific digital commands (see
additional documentation, available on request for either I2C or RS485 communication).



Html Pages

1 2 3 4 5 6 7