| データシートサーチシステム |
|
ML2008IP データシート(PDF) 11 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML2008IP データシート(HTML) 11 Page - Micro Linear Corporation |
|
11 / 11 page ![]() ML2008, ML2009 1 1 Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application. DS2008_09-01 2092 Concourse Drive San Jose, CA 95131 Tel: 408/433-5200 Fax: 408/432-0295 ORDERING INFORMATION PART NUMBER TEMPERATURE RANGE PACKAGE ML2008IP –40 °C to 85°C Molded PDIP (P18) (EOL) ML2008IQ –40 °C to 85°C Molded PLCC (Q20) (EOL) ML2008CP 0 °C to +70°C Molded PDIP (P18) (EOL) ML2008CQ 0 °C to +70°C Molded PLCC (Q20) (EOL) ML2009IP –40 °C to 85°C Molded PDIP (P18) (OBS) ML2009IQ –40 °C to 85°C Molded PLCC (Q20) (OBS) ML2009CP 0 °C to +70°C Molded PDIP (P18) (OBS) ML2009CQ 0 °C to +70°C Molded PLCC (Q20) (OBS) SEATING PLANE 0.240 - 0.260 (6.09 - 6.61) PIN 1 ID 0.295 - 0.325 (7.49 - 8.26) 0.890 - 0.910 (22.60 - 23.12) 0.016 - 0.022 (0.40 - 0.56) 0.100 BSC (2.54 BSC) 0.008 - 0.012 (0.20 - 0.31) 0.015 MIN (0.38 MIN) 18 0º - 15º 1 0.050 - 0.065 (1.27 - 1.65) 0.170 MAX (4.32 MAX) 0.125 MIN (3.18 MIN) 0.045 MIN (1.14 MIN) (4 PLACES) Package: P18 18-Pin PDIP © Micro Linear 1997 is a registered trademark of Micro Linear Corporation Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946. Other patents are pending. PHYSICAL DIMENSIONS inches (millimeters) |