| データシートサーチシステム |
|
ML2037CS データシート(PDF) 3 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML2037CS データシート(HTML) 3 Page - Micro Linear Corporation |
|
3 / 10 page ![]() ML2037 3 ELECTRICAL CHARACTERISTICS Unless otherwise specified, AVCC = DVCC = 4.75V to 5.25V, SHDN = 0V, CLK IN = 25.6MHz (crystal) or 32MHz (external clock), CL = 50pF, RL = 1kW, TA = Operating Temperature Range (Note 1) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS OUTPUT HD Harmonic Distortion 20Hz to 31.25kHz -45 dB (2nd and 3rd Harmonic) 31.25kHz to 500kHz -40 dB SND Signal to Noise + Distortion 1kHz to 31.25kHz, -45 dB fOUT BW < 31.25kHz 31.35kHz to 500kHz, -40 dB fOUT BW < 500kHz Gain Error fOUT<125kHz, C Suffix ±0.15 dB AVCC = 5V, G1=1, G0=1 fOUT<125kHz, I Suffix ±0.25 dB AVCC = 5V, G1=1, G0=1 125kHz<fOUT<500kHz, Both ±0.5 dB AVCC = 5V, G1=1, G0=1 Idle Noise SHDN = 5V 500 µVrms PSRR Power Supply Rejection Ratio 200mVP-P, fOUT = 0 - 100kHz -40 dB DC Output Voltage 2.4 2.6 V Peak-to-Peak Output Voltage G1 = 0, G0 = 0 0.5 VP-P G1 = 0, G0 = 1 1.0 VP-P G1 = 1, G0 = 0 1.5 VP-P G1 = 1, G0 = 1 1.88 2.0 2.12 VP-P OSCILLATOR CLK IN Input Low Voltage 1.5 V CLK IN Input High Voltage 3.5 V CLK IN Input Low Current External Clock -250 µA CLK IN Input High Current External Clock 250 µA CLK IN Input Capacitance 12 pF CLK IN Maximum Frequency External Clock 32 MHz CLK OUT to CLK IN Frequency Ratio 0.49 0.5 0.51 ABSOLUTE MAXIMUM RATINGS Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. AVCC, DVCC ................................................................................. 7V Voltage on any other pin .... AGND - 0.3V to AVCC + 0.3V Input Current ........................................................ ±25mA Junction Temperature .............................................. 150ºC Storage Temperature Range ...................... –65ºC to 150ºC Lead Temperature (Soldering, 10 sec) ..................... 260ºC Thermal Resistance ( qJA) Plastic DIP ....................................................... 80ºC/W SOIC .............................................................. 105ºC/W OPERATING CONDITIONS Temperature Range ML2037CX ................................................. 0ºC to 70ºC ML2037IX ............................................... -40ºC to 85ºC AVCC, DVCC Range .................................. 4.75V to 5.25V |