| データシートサーチシステム |
|
ML2280BCS データシート(PDF) 13 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML2280BCS データシート(HTML) 13 Page - Micro Linear Corporation |
|
13 / 20 page ![]() ML2280, ML2283 13 CURRENT LIMITING RESISTOR, I+ ≤15mA 12V VCC V+ GND I + → 28.8k Ω 3.2k Ω 3.2k Ω I+ 15mA V+ 5.5V SLOPE = 6.9V 1 35k Ω Figure 10. I-V Characteristic of the Shunt Regulator SHUNT REGULATOR A unique feature of the ML2283 is the inclusion of a shunt regulator connected from V+ terminal to ground which also connects to the VCC terminal (which is the actual converter supply) through a silicon diode as shown in Figure 8. When the regulator is turned on, the V+ voltage is clamped at 11VBE set by the internal resistor ratio. The typical I-V of the shunt regulator is shown in Figure 9. Figure 9. Shunt Regulator It should be noted that before V+ voltage is high enough to turn on the shunt regulator (which occurs at about 5.5V), 35k W resistance is observed between V+ and GND. When the shunt regulator is not used, V+ pin should be either left floating or tied to GND. The temperature coefficient of the regulator is –22mV/°C. |