| データシートサーチシステム |
|
ML4411 データシート(PDF) 13 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML4411 データシート(HTML) 13 Page - Micro Linear Corporation |
|
13 / 14 page ![]() 13 ML4411/ML4411A Q2 +V Q3 P ML4411 +12V Q1 Figure 19. High Voltage Translation using “Composite” PNP Power Transistor Q2 +V P ML4411 Q3 Q1 Figure 20. High Voltage Translation with NPN Darlington Figure 18. High Voltage Translation using PNP Power Transistor Q1 +V Q3 P ML4411 +12V HIGHER VOLTAGE MOTOR DRIVE To drive a higher voltage motor, the same precautions regarding ML4411 voltage limitations as were outlined for Unipolar drive above should be followed. Figures 14–16 provide several methods of translating the ML4411‘s P outputs to drive a higher voltage. |