| データシートサーチシステム |
|
ML4425 データシート(PDF) 16 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML4425 データシート(HTML) 16 Page - Micro Linear Corporation |
|
16 / 16 page ![]() 16 ML4425 ORDERING INFORMATION PART NUMBER TEMPERATURE RANGE PACKAGE ML4425CP 0ºC to 70ºC 28-Pin PDIP (P28N) ML4425CS 0ºC to 70ºC 28-Pin SOIC (S28) ML4425CH (Obsolete) 0ºC to 70ºC 32-Pin TQFP (H32-7) ML4425IP –40ºC to 85ºC 28-Pin PDIP (P28N) ML4425IS –40ºC to 85ºC 28-Pin SOIC (S28) ML4425IH (Obsolete) –40ºC to 85ºC 32-Pin TQFP (H32-7) 2092 Concourse Drive San Jose, CA 95131 Tel: 408/433-5200 Fax: 408/432-0295 www.microlinear.com 7/6/98 Printed in U.S.A. © Micro Linear 1998. is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their respective owners. Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897; 5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174; 5,767,653;. Japan: 2,598,946; 2,619,299; 2,704,176. Other patents are pending. Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application. PHYSICAL DIMENSIONS inches (millimeters) SEATING PLANE 0.291 - 0.301 (7.39 - 7.65) PIN 1 ID 0.398 - 0.412 (10.11 - 10.47) 0.699 - 0.713 (17.75 - 18.11) 0.012 - 0.020 (0.30 - 0.51) 0.050 BSC (1.27 BSC) 0.022 - 0.042 (0.56 - 1.07) 0.095 - 0.107 (2.41 - 2.72) 0.005 - 0.013 (0.13 - 0.33) 0.090 - 0.094 (2.28 - 2.39) 28 0.009 - 0.013 (0.22 - 0.33) 0º - 8º 1 0.024 - 0.034 (0.61 - 0.86) (4 PLACES) Package: S28 28-Pin SOIC DS4425-01 |