データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4769CS データシート(PDF) 2 Page - Micro Linear Corporation

部品番号 ML4769CS
部品情報  2 Cell, Adjustable Output Boost Regulator with Load Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRO-LINEAR [Micro Linear Corporation]
ホームページ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4769CS データシート(HTML) 2 Page - Micro Linear Corporation

  ML4769CS Datasheet HTML 1Page - Micro Linear Corporation ML4769CS Datasheet HTML 2Page - Micro Linear Corporation ML4769CS Datasheet HTML 3Page - Micro Linear Corporation ML4769CS Datasheet HTML 4Page - Micro Linear Corporation ML4769CS Datasheet HTML 5Page - Micro Linear Corporation ML4769CS Datasheet HTML 6Page - Micro Linear Corporation ML4769CS Datasheet HTML 7Page - Micro Linear Corporation ML4769CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ML4769
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1VL1
Boost inductor connection
2VIN
Battery input voltage
3
GND
Ground
4
SENSE
Programming pin for setting the output
voltage
PIN
NAME
FUNCTION
5VOUT
Boost regulator output
6VL2
Boost inductor connection
7
SHDN
Pulling this pin to VIN shuts down the
regulator, isolating the load from the
input
8
PWR GND
Return for the NMOS output transistor
ML4769
8-Pin SOIC (S08)
1
2
3
4
8
7
6
5
VL1
VIN
GND
SENSE
PWR GND
SHDN
VL2
VOUT
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8