| データシートサーチシステム |
|
ML4769ES データシート(PDF) 2 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML4769ES データシート(HTML) 2 Page - Micro Linear Corporation |
|
2 / 8 page ![]() ML4769 2 PIN CONFIGURATION PIN DESCRIPTION PIN NAME FUNCTION 1VL1 Boost inductor connection 2VIN Battery input voltage 3 GND Ground 4 SENSE Programming pin for setting the output voltage PIN NAME FUNCTION 5VOUT Boost regulator output 6VL2 Boost inductor connection 7 SHDN Pulling this pin to VIN shuts down the regulator, isolating the load from the input 8 PWR GND Return for the NMOS output transistor ML4769 8-Pin SOIC (S08) 1 2 3 4 8 7 6 5 VL1 VIN GND SENSE PWR GND SHDN VL2 VOUT TOP VIEW |