データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4904DY データシート(PDF) 2 Page - Vishay Telefunken

部品番号 SI4904DY
部品情報  Dual N-Channel 40-V MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4904DY データシート(HTML) 2 Page - Vishay Telefunken

  SI4904DY Datasheet HTML 1Page - Vishay Telefunken SI4904DY Datasheet HTML 2Page - Vishay Telefunken SI4904DY Datasheet HTML 3Page - Vishay Telefunken SI4904DY Datasheet HTML 4Page - Vishay Telefunken SI4904DY Datasheet HTML 5Page - Vishay Telefunken SI4904DY Datasheet HTML 6Page - Vishay Telefunken SI4904DY Datasheet HTML 7Page - Vishay Telefunken SI4904DY Datasheet HTML 8Page - Vishay Telefunken SI4904DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 73793
S09-0540-Rev. C, 06-Apr-09
Vishay Siliconix
Si4904DY
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
40
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
40
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
- 4.8
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID= 250 µA
0.8
2.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 16 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 5 A
0.013
0.016
Ω
VGS = 4.5 V, ID = 4 A
0.015
0.019
Forward Transconductanceb
gfs
VDS = 15 V, ID = 5 A
23
S
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 20 V, VGS = 0 V, ID = 1 MHz
2390
pF
Output Capacitance
Coss
270
Reverse Transfer Capacitance
Crss
165
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 5 A
56
85
nC
N-Channel
VDS = 20 V, VGS = 4.5 V, ID = 5 A
26
40
Gate-Source Charge
Qgs
5.5
Gate-Drain Charge
Qgd
9.7
Gate Resistance
Rg
f = 1 MHz
2.6
4.0
Turn-On Delay Time
td(on)
N-Channel
VDD = 20 V, RL = 4 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
15
23
ns
Rise Time
tr
20
30
Turn-Off Delay Time
td(off)
56
85
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
N-Channel
VDD = 20 V, RL =4 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
88
135
Rise Time
tr
117
180
Turn-Off Delay Time
td(off)
62
95
Fall Time
tf
19
30
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.7
A
Pulse Diode Forward Currenta
ISM
20
Body Diode Voltage
VSD
IS = 1.5 A
0.69
1.2
V
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 2 A, dI/dt = 100 A/µs, TJ = 25 °C
62
95
ns
Body Diode Reverse Recovery Charge
Qrr
62
95
nC
Reverse Recovery Fall Time
ta
26
nS
Reverse Recovery Rise Time
tb
36



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com