データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIHFR010 データシート(PDF) 2 Page - Vishay Telefunken

部品番号 SIHFR010
部品情報  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIHFR010 データシート(HTML) 2 Page - Vishay Telefunken

  SIHFR010 Datasheet HTML 1Page - Vishay Telefunken SIHFR010 Datasheet HTML 2Page - Vishay Telefunken SIHFR010 Datasheet HTML 3Page - Vishay Telefunken SIHFR010 Datasheet HTML 4Page - Vishay Telefunken SIHFR010 Datasheet HTML 5Page - Vishay Telefunken SIHFR010 Datasheet HTML 6Page - Vishay Telefunken SIHFR010 Datasheet HTML 7Page - Vishay Telefunken SIHFR010 Datasheet HTML 8Page - Vishay Telefunken SIHFR010 Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFR010, SiHFR010
www.vishay.com
Vishay Siliconix
S13-0167-Rev. B, 04-Feb-13
2
Document Number: 91420
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-
-
110
°C/W
Case-to-Sink
RthCS
-1.7
-
Maximum Junction-to-Case (Drain)
RthJC
--
5.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
50
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 500
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 50 V, VGS = 0 V
-
-
250
μA
VDS = 40 V, VGS = 0 V, TJ = 125 °C
-
-
1000
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 4.6 Ab
-
0.16
0.20
Forward Transconductance
gfs
VDS  50 V, ID = 3.6 A
2.1
3.1
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 10
-
250
-
pF
Output Capacitance
Coss
-
150
-
Reverse Transfer Capacitance
Crss
-29
-
Total Gate Charge
Qg
VGS = 10 V
ID = 7.3 A, VDS = 40 V,
see fig. 6 and 13b
-6.7
10
nC
Gate-Source Charge
Qgs
-1.8
2.6
Gate-Drain Charge
Qgd
-3.2
4.8
Turn-On Delay Time
td(on)
VDD = 25 V, ID = 7.3 A,
Rg = 24 , RD = 3.3 , see fig. 10b
-11
17
ns
Rise Time
tr
-33
50
Turn-Off Delay Time
td(off)
-12
18
Fall Time
tf
-23
35
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contactc
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
8.2
A
Pulsed Diode Forward Currenta
ISM
--
33
Body Diode Voltage
VSD
TJ = 25 °C, IS = 8.2 A, VGS = 0 Vb
--
1.6
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 7.3 A, dI/dt = 100 A/μsb
41
86
190
ns
Body Diode Reverse Recovery Charge
Qrr
0.15
0.33
0.78
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com