データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4866CS データシート(PDF) 2 Page - Micro Linear Corporation

部品番号 ML4866CS
部品情報  3.3V Output DC-DC Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRO-LINEAR [Micro Linear Corporation]
ホームページ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4866CS データシート(HTML) 2 Page - Micro Linear Corporation

  ML4866CS Datasheet HTML 1Page - Micro Linear Corporation ML4866CS Datasheet HTML 2Page - Micro Linear Corporation ML4866CS Datasheet HTML 3Page - Micro Linear Corporation ML4866CS Datasheet HTML 4Page - Micro Linear Corporation ML4866CS Datasheet HTML 5Page - Micro Linear Corporation ML4866CS Datasheet HTML 6Page - Micro Linear Corporation ML4866CS Datasheet HTML 7Page - Micro Linear Corporation ML4866CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ML4866
PIN DESCRIPTION
PIN CONFIGURATION
PIN
NAME
FUNCTION
1VOUT
Regulated 3.3V output
2
COMP
Connection point for an external
compensation network
3VREF
1.25V reference output
4
BURST
This pin controls when the control
circuit switches between PWM and
PFM modes of operation
ML4866
8-Pin SOIC (S08)
1
2
3
4
8
7
6
5
VOUT
COMP
VREF
BURST
GND
VL
SHDN
VIN
TOP VIEW
PIN
NAME
FUNCTION
5VIN
Input voltage
6
SHDN
Pulling this pin low shuts down the
regulator
7VL
Buck inductor connection
8
GND
Ground



Html Pages

1 2 3 4 5 6 7 8