| データシートサーチシステム |
|
ML4875CS-5 データシート(PDF) 2 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML4875CS-5 データシート(HTML) 2 Page - Micro Linear Corporation |
|
2 / 10 page ![]() 2 ML4875 PIN CONNECTION PIN DESCRIPTION PIN NO. NAME FUNCTION 1VIN Battery input voltage 2 SHDN Pulling this pin high shuts down the regulator, isolating the load from the input 3 GND Analog signal ground 4 DETECT When this pin below VREF, causes the RESET pin to go low PIN NO. NAME FUNCTION 5VOUT Boost regulator output 6VL Boost inductor connection 7 RESET Output goes low when regulation cannot be achieved or when DETECT goes below 200mV 8 PWR GND Return for the NMOS output transistor ML4875-5/-3/-T 8-Pin SOIC (S08) VIN SHDN GND DETECT PWR GND RESET VL VOUT 1 2 3 4 TOP VIEW 8 7 6 5 |