| データシートサーチシステム |
|
AR0835HS データシート(PDF) 21 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0835HS データシート(HTML) 21 Page - ON Semiconductor |
|
21 / 70 page ![]() AR0835HS_DS Rev. D Pub. 5/15 EN 21 ©Semiconductor Components Industries, LLC, 2015. AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor Two-Wire Serial Register Interface Sequential WRITE, Start at Random Location This sequence (Figure 14) starts in the same way as the single WRITE to random location (Figure 13). Instead of generating a no-acknowledge bit after the first byte of data has been transferred, the master generates an acknowledge bit and continues to perform byte WRITEs until “L” bytes have been written. The WRITE is terminated by the master generating a stop condition. Figure 14: Sequential WRITE, Start at Random Location Slave Address 0 S A Reg Address[15:8] A A Reg Address[7:0] A Previous Reg Address, N Reg Address, M M+1 M+2 M+1 M+3 A A A M+L-2 M+L-1 M+L A A P Write Data Write Data Write Data Write Data Write Data |