データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS0260CSSC28SUD20 データシート(PDF) 23 Page - ON Semiconductor

部品番号 AS0260CSSC28SUD20
部品情報  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 データシート(HTML) 23 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 19Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 20Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 21Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 22Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 23Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 24Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 25Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 26Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
23
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Binning
The AS0260 sensor core supports 2 x 2 binning. Binning has many of the same character-
istics as subsampling but because it gathers image data from all pixels in the active
window (rather than a subset of them), it achieves superior image quality and avoids the
aliasing artifacts that can be a characteristic side effect of subsampling.
Binning is enabled by selecting the appropriate subsampling settings. Subsampling may
require sensor window size adjustment when binning is enabled.
The effect of binning is shown in Figure 19 on page 18.
Figure 19:
Pixel Readout (column and row binning)
PLL
A PLL is provided to create the required PIXCLK from the input EXTCLK. The PLL is
programmed through variable settings.
Y incrementing
X incrementing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83