データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS52510-1 データシート(PDF) 6 Page - ON Semiconductor

部品番号 CS52510-1
部品情報  10 A LDO 5?뭁in Adjustable Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52510-1 データシート(HTML) 6 Page - ON Semiconductor

Back Button CS52510-1 Datasheet HTML 2Page - ON Semiconductor CS52510-1 Datasheet HTML 3Page - ON Semiconductor CS52510-1 Datasheet HTML 4Page - ON Semiconductor CS52510-1 Datasheet HTML 5Page - ON Semiconductor CS52510-1 Datasheet HTML 6Page - ON Semiconductor CS52510-1 Datasheet HTML 7Page - ON Semiconductor CS52510-1 Datasheet HTML 8Page - ON Semiconductor CS52510-1 Datasheet HTML 9Page - ON Semiconductor CS52510-1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CS52510−1
http://onsemi.com
6
Figure 13. Reference Voltage vs Temperature
Figure 14. Load Regulation vs Output Current
Figure 15. Adjust Pin Current vs Temperature
Figure 16. Current Step Transient Response
TJ (°C)
10
30
−0.150
−0.050
0.100
−0.100
0
20
40
130
IO = 10 mA
VCONTROL = 2.75 V
VPOWER = 2.5 V
0.050
0
−0.075
0.075
−0.125
−0.025
0.025
50
70
60
80 90
110
100
120
Output Current (A)
2.0
0.35
0
4.0
6.0
8.0
10
0.30
0.25
0.20
0.15
0.10
0.05
0
TCase = 25°C
TCase = 125°C
TCase = 0°C
Temperature (°C)
20
83
0
40
60
80
100
81
79
77
75
73
71
65
120
140
160
69
67
Time (μs)
100
COUT = 330 μF
CPOWER = 110 μF
CCONTROL = 10 μF
CADJ = 25 μF
VCONTROL = 5.0 V
VPOWER = 3.3 V
VOUT = 2.5 V
01
2
3
4
0
5
50
0
−50
−100
0
7.0
APPLICATIONS NOTES
THEORY OF OPERATION
The CS52510−1 linear regulator provides adjustable
voltages from 1.25 V to 5.0 V at currents up to 10 A. The
regulator is protected against short circuits, and includes a
thermal shutdown circuit with hysteresis. The output, which
is current limited, consists of a PNP−NPN transistor pair and
requires an output capacitor for stability. A detailed
procedure for selecting this capacitor is included in the
Stability Considerations section.
VPOWER Function
The CS52510−1 utilizes a two supply approach to
maximize efficiency. The collector of the power device is
brought out to the VPOWER pin to minimize internal power
dissipation under high current loads.VCONTROL provides
power for the control circuitry and the drive for the output
NPN transistor. VCONTROL should be at least 1.0 V greater
than the output voltage. Special care has been taken to
ensure that there are no supply sequencing problems. The
output voltage will not turn on until both supplies are
operating. If the control voltage comes up first, the output
current will be typically limited to about 3.0 mA until the
power input voltage comes up. If the power input voltage
comes up first the output will not turn on at all until the
control voltage comes up. The output can never come up
unregulated.
The CS52510−1 can also be used as a single supply device
with the control and power inputs tied together. In this mode,
the dropout will be determined by the minimum control
voltage.
Output Voltage Sensing
The CS52510−1 five terminal linear regulator includes a
dedicated VSENSE function. This allows for true Kelvin
sensing of the output voltage. This feature can virtually
eliminate errors in the output voltage due to load regulation.
Regulation will be optimized at the point where the sense pin
is tied to the output.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com