| データシートサーチシステム |
|
PE44809 データシート(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PE44809 データシート(HTML) 2 Page - Pasternack Enterprises, Inc. |
|
2 / 3 page ![]() 2 Material Specifications Description Material Plating Contact Beryllium Copper Gold ASTM-B488 50µ in. minimum Insulation PTFE Body Passivated Stainless Steel SAE-AMS-2700 Coupling Nut Pass ivated Stainless Steel SAE-AMS-2700 . Environmental Specifications Temperature Operating Range -65 to 165 deg C Compliance Certifications (visit www.Pasternack.com for current document) RoHS Compliant Plotted and Other Data Notes: High Performance Type N Male Solder /Clamp connectors for PE-P300LL Coax from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: N Male Precision Connector Clamp/Solder Attachment for PE-P300LL PE44809 URL: http://www.pasternack.com/n-male-pe-p300ll-connector-pe44809-p.aspx PE44809 REV 1.0 RF Connectors Technical Data Sheet PE44809 High Performance Type N Male Solder / Clamp connectors for PE-P300LL Coax |