データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75805PE データシート(PDF) 7 Page - ON Semiconductor

部品番号 LC75805PE
部品情報  LCD Display Driver with LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75805PE データシート(HTML) 7 Page - ON Semiconductor

Back Button LC75805PE Datasheet HTML 3Page - ON Semiconductor LC75805PE Datasheet HTML 4Page - ON Semiconductor LC75805PE Datasheet HTML 5Page - ON Semiconductor LC75805PE Datasheet HTML 6Page - ON Semiconductor LC75805PE Datasheet HTML 7Page - ON Semiconductor LC75805PE Datasheet HTML 8Page - ON Semiconductor LC75805PE Datasheet HTML 9Page - ON Semiconductor LC75805PE Datasheet HTML 10Page - ON Semiconductor LC75805PE Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LC75805PE
No.A2119-7/34
Pin Functions
Symbol
Pin No.
Function
Active
I/O
Handling
when
unused
LD1 to LD16
LD17 to LD32
LD33 to LD48
2 to 17
20 to 35
38 to 53
These are LED driver output pins that display the display data for LED transferred
by serial data input, and high- voltage open-drain output pins. (Pull-up voltage is
30[V] maximum.) In addition, brightness adjustment of LED is possible by PWM
function, too.
-
O
OPEN
COM1
COM2/S38
COM3/S37
COM4/S36
55
56
57
58
These are common driver output pins, and Frame frequency is fo [Hz].
COM2/S38, COM3/S37 and COM4/S36 are possible to be used as the segment
output by control data.
-
O
OPEN
S35 to S1
59 to 93
These are segment output pins that display the display data for LCD transferred by
serial data input.
-
O
OPEN
OSCI
96
This is input pin for the external clock.
Input the clock whose frequency (fCK) is between 100 and 600[kHz] at external
clock operating mode.
Furthermore, connect to GND at internal oscillator operating mode.
-
I
GND
CE
98
These are input pins for serial data transfer, and connect to the controller.
CE: Chip enable
CL: Synchronized clock
DI: Transfer data
H
I
CL
99
I
GND
DI
100
-
I
INH
97
Display off control input pin
• INH = Low-level (VSS) ...Display forced off
LD1 to LD48 = Z (High-impedance)
COM1 = L (VSS)
COM2/S38 to COM4/S36 = L (VSS)
S1 to S35 = L (VSS)
Internal oscillator operation is stopped.
External clock input is forbidden.
• INH = High-level (VDD)...Display on
Internal oscillator operation is possible.
(At Internal oscillator operating mode)
External clock input is possible.
(At External clock operating mode)
However, serial data can be transferred during turn off.
L
I
GND
VDD
94
This is power supply pin.
Supply the voltage between 4.5V and 5.5V.
-
-
-
VSS
1
18
19
36
37
54
95
These are power supply pins.
Connect to GND.
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com