| データシートサーチシステム |
|
LC75813T データシート(PDF) 21 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC75813T データシート(HTML) 21 Page - ON Semiconductor |
|
21 / 26 page ![]() No. 7159--21/26 LC75813E, 75813T Notes on Controller Transfer of Display Data Since the LC75813E and LC75813T accept the display data (D1 to D261) divided into three separate transfer operations when using 1/3 duty drive scheme and the data (D1 to D344) divided into four separate transfer operations when 1/4 duty drive, we recommend that applications transfer all of the display data within a period of less than 30 ms to prevent observable degradation of display quality. Figure 4 t1 Display and control data transfer VDD t2 D1 to D88 P0 to P3 Internal data DR, DT, FC, SC, BU Internal data (D89 to D176) Internal data (D177 to D260) VLCD CE INH Undefined Undefined Defined Undefined Undefined Defined Undefined Undefined Defined Undefined Undefined Defined VIL tc VIL t3 Internal data (D261 to D344) Notes: t1 ≥ 0 t2 > 0 t3 ≥ 0 (t2 > t3) tc .......10 µs min. 2. 1/4 duty |