| データシートサーチシステム |
|
74LS90D データシート(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74LS90D データシート(HTML) 2 Page - ON Semiconductor |
|
2 / 7 page ![]() SN74LS90 http://onsemi.com 2 LOGIC DIAGRAM MS1 MS2 MR1 MR2 CP0 CP1 Q0 Q1 Q2 Q3 MR1 CP0 CP1 Q0 Q1 Q2 Q3 MR2 LS90 MR1 CP0 CP1 Q0 Q1 Q2 Q3 MR2 SD J CP K Q Q CD SD R CP S Q Q CD SD J CP K Q Q CD SD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD 14 11 12 1 2 6 7 9 3 8 14 13 12 11 10 9 1 2 3 4 5 6 8 7 CP0 NC Q0 Q3 GND Q1 Q2 CP1 MR1 MR2 NC VCC MS1 MS2 CONNECTION DIAGRAM DIP (TOP VIEW) NC = NO INTERNAL CONNECTION NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. 14 1 6 7 12 11 9 8 LOGIC DIAGRAM LS92 14 13 12 11 10 9 1 2 3 4 5 6 8 7 CP0 NC Q0 Q1 GND Q2 Q3 CP1 NC NC NC VCC MR1 MR2 CONNECTION DIAGRAM DIP (TOP VIEW) NC = NO INTERNAL CONNECTION NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. LOGIC DIAGRAM LS93 VCC = PIN 5 GND = PIN 10 = PIN NUMBERS VCC = PIN 5 GND = PIN 10 = PIN NUMBERS VCC = PIN 5 GND = PIN 10 = PIN NUMBERS 14 1 2 3 12 9 8 11 14 13 12 11 10 9 1 2 3 4 5 6 8 7 CP0 NC Q0 Q3 GND Q1 Q2 CP1 MR1 MR2 NC VCC NC NC CONNECTION DIAGRAM DIP (TOP VIEW) NC = NO INTERNAL CONNECTION NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. |