データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65279V データシート(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS65279V
部品情報  4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS65279V データシート(HTML) 39 Page - Texas Instruments

Back Button TPS65279V Datasheet HTML 35Page - Texas Instruments TPS65279V Datasheet HTML 36Page - Texas Instruments TPS65279V Datasheet HTML 37Page - Texas Instruments TPS65279V Datasheet HTML 38Page - Texas Instruments TPS65279V Datasheet HTML 39Page - Texas Instruments TPS65279V Datasheet HTML 40Page - Texas Instruments TPS65279V Datasheet HTML 41Page - Texas Instruments TPS65279V Datasheet HTML 42Page - Texas Instruments TPS65279V Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS65279VDAPR
HTSSOP
DAP
32
2000
330.0
24.4
8.6
11.5
1.6
12.0
24.0
Q1
TPS65279VRHHR
VQFN
RHH
36
2500
330.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
TPS65279VRHHT
VQFN
RHH
36
250
180.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Feb-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46