| データシートサーチシステム |
|
KAI-2001 データシート(PDF) 4 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAI-2001 データシート(HTML) 4 Page - ON Semiconductor |
|
4 / 36 page ![]() KAI−2001 www.onsemi.com 4 Pixel Figure 3. Pixel Architecture Top View Direction of Charge Transfer True Two Phase Burried Channel VCCD Lightshield over VCCD not shown V1 Photodiode V2 Transfer Gate Direction of Charge Transfer V1 V2 V1 n− n n− n− p Well (GND) Cross Section Down Through VCCD n Substrate p V1 n p+ Light Shield p p n p Cross Section Through Photodiode and VCCD Phase 1 Photodiode p p V2 n p+ Light Shield p p n n Substrate p Cross Section Through Photodiode and VCCD Phase 2 at Transfer Gate Transfer Gate Cross Section Showing Lenslet Lenslet VCCD VCCD Light Shield Light Shield Photodiode Red Color Filter NOTE: Drawings not scale. 7.4 mm n Substrate An electronic representation of an image is formed when incident photons falling on the sensor plane create electron-hole pairs within the individual silicon photodiodes. These photoelectrons are collected locally by the formation of potential wells at each photosite. Below photodiode saturation, the number of photoelectrons collected at each pixel is linearly dependent upon light level and exposure time and non-linearly dependent on wavelength. When the photodiodes charge capacity is reached, excess electrons are discharged into the substrate to prevent blooming. |