データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

REF102AUG4 データシート(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
部品番号 REF102AUG4
部品情報  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

REF102AUG4 データシート(HTML) 14 Page - Texas Instruments

Back Button REF102AUG4 Datasheet HTML 10Page - Texas Instruments REF102AUG4 Datasheet HTML 11Page - Texas Instruments REF102AUG4 Datasheet HTML 12Page - Texas Instruments REF102AUG4 Datasheet HTML 13Page - Texas Instruments REF102AUG4 Datasheet HTML 14Page - Texas Instruments REF102AUG4 Datasheet HTML 15Page - Texas Instruments REF102AUG4 Datasheet HTML 16Page - Texas Instruments REF102AUG4 Datasheet HTML 17Page - Texas Instruments REF102AUG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF102AU/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
REF102CU/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Jan-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20