データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP62S161024 データシート(PDF) 3 Page - AMIC Technology

部品番号 LP62S161024
部品情報  16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMICC [AMIC Technology]
ホームページ  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S161024 データシート(HTML) 3 Page - AMIC Technology

  LP62S161024 Datasheet HTML 1Page - AMIC Technology LP62S161024 Datasheet HTML 2Page - AMIC Technology LP62S161024 Datasheet HTML 3Page - AMIC Technology LP62S161024 Datasheet HTML 4Page - AMIC Technology LP62S161024 Datasheet HTML 5Page - AMIC Technology LP62S161024 Datasheet HTML 6Page - AMIC Technology LP62S161024 Datasheet HTML 7Page - AMIC Technology LP62S161024 Datasheet HTML 8Page - AMIC Technology LP62S161024 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LP62S161024 Series
PRELIMINARY
(November, 2014, Version 0.0)
3
AMIC Technology, Corp.
Pin Configurations
TSOP (I)
LP62S161024V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A14
A13
A12
A11
A10
A9
A8
NC
WE
CS2
NC
HB
LB
A18
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
I/O2
I/O10
I/O3
I/O11
VCC
I/O4
I/O12
I/O5
I/O13
I/O6
I/O14
I/O7
I/O15/A20
GND
BYTE
A16
A15
A19
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
I/O9
I/O1
I/O8
I/O0
OE
GND
CS1
A0
A17
A7
A6
A5
A4
A3
A2
A1
CSP (Chip Size Package)
48-pin Top View
I/O8
I/O9
GND
VCC
I/O14
I/O15
A18
A8
A19
A9
A12
A10
A11
NC
A13
A14
A15
I/O7
I/O6
I/O2
I/O0
GND
VCC
A0
A3
A5
A6
A4
A1
A2
CS2
6
5
4
3
2
1
A
B
C
D
E
F
G
H
I/O13
I/O12
I/O11
I/O10
A17
NC
A7
A16
I/O1
I/O3
I/O4
I/O5
LB
HB
WE
OE
CS1
Note:
The BYTE pin in the 48-pin TSOP (I) package must be tied HIGH to use the device as a 1M x 16 SRAM. The 48-pin TSOP (I)
package can also be used as a 2M x 8 SRAM by tied the BYTE signal LOW. In the 2M x 8 configuration, pin 45 is A20, while
HB , LB and I/O8 to I/O14 pins are not used (NC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16