| データシートサーチシステム |
|
JAN2N4091 データシート(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
JAN2N4091 データシート(HTML) 2 Page - Microsemi Corporation |
|
2 / 2 page ![]() 2N4091, 2N4092, 2N4093 JAN SERIES ELECTRICAL CHARACTERISTICS (TC = 25 0C unless otherwise noted) (con’t) PARAMETERS / TEST CONDITIONS Symbol Min. Max. Units Static Drain - Source On-State Resistance VGS = 0, ID = 1.0 mAdc 2N4091 2N4092 2N4093 rDS(on) 30 50 80 Ω Drain - Source On-State Voltage VGS = 0, ID = 6.6 mAdc 2N4091 VGS = 0, ID = 4.0 mAdc 2N4092 VGS = 0, ID = 2.5 mAdc 2N4093 VDS(on) 0.2 0.2 0.2 Vdc Small-Signal, Common-Source Reverse Transfer Capacitance VGS = 20 Vdc, VDS = 0, f = 1.0 MHz Crss 5.0 pF Small-Signal, Common-Source Short-Circuit Input Capacitance VGS = 0, VDS = 20 Vdc, f = 1.0 MHz Ciss 16 pF Turn-On Delay Time 2N4091 2N4092 2N4093 td on 15 15 15 ηs Rise Time 2N4091 2N4092 2N4093 tr 10 20 40 ηs Turn-Off Delay Time 2N4091 2N4092 2N4093 See Figure 3 of MIL-PRF- 19500/431 td off 40 60 80 ηs 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 2 of 2 |