データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5207A-1 データシート(PDF) 1 Page - ON Semiconductor

部品番号 CS5207A-1
部品情報  7.0 A LDO 3?뭁in Adjustable Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5207A-1 データシート(HTML) 1 Page - ON Semiconductor

  CS5207A-1 Datasheet HTML 1Page - ON Semiconductor CS5207A-1 Datasheet HTML 2Page - ON Semiconductor CS5207A-1 Datasheet HTML 3Page - ON Semiconductor CS5207A-1 Datasheet HTML 4Page - ON Semiconductor CS5207A-1 Datasheet HTML 5Page - ON Semiconductor CS5207A-1 Datasheet HTML 6Page - ON Semiconductor CS5207A-1 Datasheet HTML 7Page - ON Semiconductor CS5207A-1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 7
1
Publication Order Number:
CS5207A−1/D
CS5207A−1
7.0 A LDO 3−Pin Adjustable
Linear Regulator
The CS5207A−1 linear regulator provides 7.0 A at adjustable
voltages from 1.25 V to 5.0 V. This adjustable device requires two
external resistors to set the output voltage and provide the minimum
load current for proper regulation.
This regulator is intended for use as a post regulator and
microprocessor supply. The fast loop response and low dropout
voltage make this regulator ideal for applications where low voltage
operation and good transient response are important.
The circuit is designed to operate with dropout voltages as low as
1.0 V at 7.0 A.
This regulator is protected against overload conditions with
overcurrent and thermal shutdown protection circuitry.
The CS5207A−1 is pin compatible with the LT1584 family of linear
regulators but has lower dropout voltage and faster transient response.
This regulator is available in a TO−220 package.
Features
1.25 V to 5.0 V VOUT @ 7.0 A
Dropout Voltage < 1.0 V @ 7.0 A
1.5% Trimmed Reference
Fast Transient Response
Thermal Shutdown
Current Limit
Short Circuit Protection
Drop−In Replacement for LT1584
Figure 1. Applications Diagram
CS5207A−1
VIN
VOUT
Adj
100 μF
5.0 V
0.1 μF
Load
124
200
300 μF
3.3 V @ 7.0 A
Device
Package
Shipping
ORDERING INFORMATION
CS5207A−1GT3
TO−220*
50 Units/Rail
*TO−220 is 3−pin, straight leaded.
TO−220
THREE LEAD
T SUFFIX
CASE 221A
PIN CONNECTIONS AND
MARKING DIAGRAMS
CS5207A−1
AWLYWW
1
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Tab = VOUT
Pin
1. Ad-
just
2. VOUT
3. VIN
12
3
http://onsemi.com


同様の部品番号 - CS5207A-1

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
7A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5207A-1GT3 CHERRY-CS5207A-1GT3 Datasheet
136Kb / 7P
7A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
More results

同様の説明 - CS5207A-1

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
7A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
8A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/11/97
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
10A LDO 3-Pin Adjustable Linear Regulator
Rev. 6/12/97
logo
ON Semiconductor
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com