| データシートサーチシステム |
|
CF5732GA データシート(PDF) 4 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF5732GA データシート(HTML) 4 Page - Nippon Precision Circuits Inc |
|
4 / 6 page ![]() NIPPON PRECISION CIRCUITS-4 CF5732 Series FUNCTIONAL DESCRIPTION Alarm input/output AO AO (*1) AI AO (*2) 1/2V DD (*3) fPW fCY (*1) AO is the reverse phase of AO, when output is active. (the same phase, when output is inactive): CF5732EA, GA (*2) AO is complete reverse phase of AO. (even output is inactive.): CF5732FA, HA, JA, KA (*3) When AI is held at 1/2 VDD, the alarm reference, frequency is output at AO and AO. Input Debouncing Circuit Setting bouncing delay time prevents the circuit from the erroneous operation by AI input bouncing (chattering.) ton ≤ 31.25 msec : The alarm input is ignored ton ≥ 62.5 msec : The alarm input is accepted tCH tON AI (Active L) |