| データシートサーチシステム |
|
LX1663A データシート(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LX1663A データシート(HTML) 2 Page - Microsemi Corporation |
|
2 / 15 page ![]() SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC LX1662/62A, LX1663/63A PRODUCT DA T ABOOK 1996/1997 Copyright © 1999 Rev. 1.1 11/99 2 P RODUCTION D ATA S HEET ABSOLUTE MAXIMUM RATINGS (Note 1) Supply Voltage (V C1) .................................................................................................... 25V Supply Voltage (V CC) .................................................................................................... 15V Output Drive Peak Current Source (500ns) ............................................................... 1.5A Output Drive Peak Current Sink (500ns) ................................................................... 1.5A Input Voltage (SS, INV, V CC_CORE, CT, VID0-VID4) ........................................... -0.3V to 6V Operating Junction Temperature Plastic (N & D Packages) ...................................................................................... 150°C Storage Temperature Range .................................................................... -65°C to +150°C Lead Temperature (Soldering, 10 Seconds) ............................................................. 300°C PACKAGE PIN OUTS V C1 TDRV GND BDRV V CC C T VID4 SS INV V CC_CORE VID0 VID1 VID2 VID3 1 14 213 312 411 510 69 78 N PACKAGE — 14-Pin LX1662/1662A (Top View) N PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 65°C/W D PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 120°C/W Junction Temperature Calculation: T J = TA + (PD x θJA). The θ JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow THERMAL DATA Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal. Pin numbers refer to DIL packages only. V C1 TDRV GND BDRV V CC C T VID4 SS INV V CC_CORE VID0 VID1 VID2 VID3 1 14 213 312 411 510 69 78 D PACKAGE — 14-Pin LX1662/1662A (Top View) V C1 TDRV GND BDRV V CC C T OV PWRGD SS INV V CC_CORE VID0 VID1 VID2 VID3 VID4 1 16 215 314 413 512 611 710 89 N PACKAGE — 16-Pin LX1663/1663A (Top View) V C1 TDRV GND BDRV V CC C T OV PWRGD SS INV V CC_CORE VID0 VID1 VID2 VID3 VID4 1 16 215 314 413 512 611 710 89 D PACKAGE — 16-Pin LX1663/1663A (Top View) DEVICE SELECTION GUIDE OVP and Current-Sense DEVICE Packages Power Good Comp. Thresh. (mV) Optimal Load LX1662 14-pin SOIC No 100 Pentium-class (<10A) LX1662A & DIP 60 Pentium II (> 10A) LX1663 16-pin SOIC Yes 100 Pentium-class (<10A) LX1663A & DIP 60 Pentium II (> 10A) |