| データシートサーチシステム |
|
LX5248CPW データシート(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LX5248CPW データシート(HTML) 2 Page - Microsemi Corporation |
|
2 / 6 page ![]() 9-L IN E LVD SCSI T ERMIN ATOR LX5248/LX5249 PRODUCT D A T ABOOK 1996/1997 Copyright © 2001 Rev. 0.6 1/01 2 P RELIMINA R Y D AT A S HEET UltraMAX TermPwr Voltage .............................................................................................. +6.5V Signal Line Voltage ................................................................................... 0V to 6.5V Differential Voltage ................................................................................... 0V to 6.5V Operating Junction Temperature Plastic (PW Package) ................................................................................... 150°C Storage Temperature Range .............................................................. -65°C to 150°C Lead Temperature (Soldering, 10 seconds) .................................................... 300°C Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal. ABSOLUTE MAXIMUM RATINGS (Note 1) PACKAGE PIN OUTS LX5248/LX5249 DIFFSENSE Outputs Quiescent DISCONNECT Status Type Current L L < 0.5V Disable HiZ 2mA L 0.7V to 1.9V Enable LVD 21mA L H > 2.4V Disable HiZ 2mA H X Disable HiZ 10µA Open X Disable HiZ 10µA DIFFSENSE / POWER UP / POWER DOWN FUNCTION TABLE DB PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 50°C/W PW PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 100°C/W Junction Temperature Calculation: T J = TA + (PD x θJA). The θ JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow. THERMAL DATA LX5249C ("N.C." = No Internal Connection) DB PACKAGE (Top View) N.C. N.C. N.C. 1+ 1- 2+ 2- HEATSINK/GND HEATSINK/GND HEATSINK/GND 3+ 3- 4+ 4- 5+ 5- DISCONNECT GND V TERM HVD LVD SE 9- 9+ 8- 8+ HEATSINK/GND HEATSINK/GND HEATSINK/GND 7- 7+ 6- 6+ DIFF B DIFFSENSE MASTER/SLAVE 1 36 2 35 3 34 4 33 5 32 6 31 7 30 8 29 9 28 10/27 11/26 12/25 13/24 14/23 15/22 16/21 17/20 18/19 LX5249CPW ("N.C." = No Internal Connection) PW PACKAGE (Top View) V TERM N.C. 9- 9+ 8- 8+ 7- 7+ 6- 6+ DIFFSENSE MASTER/SLAVE 1 24 2 23 3 22 4 21 5 20 6 19 7 18 8 17 9 16 10/15 11/14 12/13 1+ 1- 2+ 2- 3+ 3- 4+ 4- 5+ 5- DISCONNECT GND MASTER / DIFFSENSE Output SLAVE Status Current L* HI Z 0mA H 1.3V 15mA Source Open (Pull-up) 1.3V 15mA Source MASTER / SLAVE FUNCTION TABLE * When in Low state, terminator will detect state of DIFFSENSE line. LX5248CPW ("N.C." = No Internal Connection) PW PACKAGE (Top View) V TERM LVD 9- 9+ 8- 8+ N.C. 7- 7+ 6- 6+ DIFFB DIFFSENSE MASTER/SLAVE 1 28 2 27 3 26 4 25 5 24 6 23 7 22 8 21 9 20 10/19 11/18 12/17 13/16 14/15 N.C. 1+ 1- 2+ 2- N.C. 3+ 3- 4+ 4- 5+ 5- DISCONNECT GND |