| データシートサーチシステム |
|
SA14 データシート(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
SA14 データシート(HTML) 3 Page - Microsemi Corporation |
|
3 / 5 page ![]() MSC1400.PDF 03-20-00 SA5.0 thru SA170A ELECTRICAL CHARACTERISTICS AT 25 °C PART NUMBER BREAKDOWN VOLTAGE V(BR) MIN. MAX TEST CURRENT IT RATED STAND OFF VOLTAGE VWM MAX. REVERSE STANDBY CURRENT ID @ VWM MAX. PEAK REVERSE VOLTAGE VC MAX. @ IPP MAX. PEAK PULSE CURRENT IPP (Figure 2) MAX. TEMP. COEFFICIENT OF V(BR) -55 °°°°C TO 175 °°°°C α αα α V(BR) VOLTS VOLTS mA VOLTS µµµµ ADC VOLTS AMP % / °°°°C SA22 24.4 29.8 1 22 1 39.4 12.7 .094 SA22A 24.4 26.9 1 22 1 35.5 14.1 .094 SA24 26.7 32.6 1 24 1 43.0 11.6 .096 SA24A 26.7 29.5 1 24 1 38.9 12.8 .096 SA26 28.9 35.3 1 26 1 46.6 10.7 .097 SA26A 28.9 31.9 1 26 1 42.1 11.9 .097 SA28 31.1 38.0 1 28 1 50.0 9.9 .098 SA28A 31.1 34.4 1 28 1 45.4 11.0 .098 SA30 33.3 40.7 1 30 1 53.5 9.3 .099 SA30A 33.3 36.8 1 30 1 48.4 10.3 .099 SA33 36.7 44.9 1 33 1 59.0 8.5 .100 SA33A 36.7 40.6 1 33 1 53.3 9.4 .100 SA36 40.0 48.9 1 36 1 64.3 7.8 .101 SA36A 40.0 44.2 1 36 1 58.1 8.6 .101 SA40 44.4 54.3 1 40 1 71.4 7.0 .101 SA40A 44.4 49.1 1 40 1 64.5 7.8 .101 SA43 47.8 58.4 1 43 1 76.7 6.5 .102 SA43A 47.8 52.8 1 43 1 69.4 7.2 .102 SA45 50.0 61.1 1 45 1 80.3 6.2 .102 SA45A 50.0 55.3 1 45 1 72.7 6.9 .102 SA48 53.3 65.1 1 48 1 85.5 5.8 .103 SA48A 53.3 58.9 1 48 1 77.4 6.5 .103 SA51 56.7 69.3 1 51 1 91.1 5.5 .103 SA51A 56.7 62.7 1 51 1 82.4 6.1 .103 SA54 60.0 73.3 1 54 1 96.3 5.2 .104 SA54A 60.0 66.3 1 54 1 87.1 5.7 .104 SA58 64.4 78.7 1 58 1 103.0 4.9 .104 SA58A 64.4 71.2 1 58 1 93.6 5.3 .104 SA60 66.7 81.5 1 60 1 107.0 4.7 .104 SA60A 66.7 73.7 1 60 1 96.8 5.2 .104 SA64 71.1 86.9 1 64 1 114.0 4.4 .105 SA64A 71.1 78.6 1 64 1 103.0 4.9 .105 SA70 77.8 95.1 1 70 1 125.0 4.0 .105 SA70A 77.8 86.0 1 70 1 113.0 4.4 .105 SA75 83.3 102.0 1 75 1 134.0 3.7 .105 SA75A 83.3 92.1 1 75 1 121.0 4.1 .105 |