| データシートサーチシステム |
|
STAC6-C データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
STAC6-C データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 7 page ![]() Model Number Supply Voltage Control Modes Output Current Communication Ports Encoder Feedback 1pc./50pc. 12-70 VDC CANopen NA RS-232, CANopen Yes $535.00 / $401.25 12-70 VDC CANopen NA RS-232, CANopen No $460.00 / $345.00 12-70 VDC CANopen NA RS-232, CANopen Yes $663.00 / $497.25 12-70 VDC CANopen NA RS-232, CANopen No $588.00 / $441.00 12-48 VDC CANopen NA RS-232, CANopen Yes $470.00 / $352.50 12-48 VDC CANopen NA RS-232, CANopen No $395.00 / $296.25 24-80 VDC CANopen 0.1-10.0 A/Phase RS-232, CANopen Yes $682.00 / $511.50 24-80 VDC CANopen 0.1-10.0 A/Phase RS-232, CANopen No $631.00 / $473.25 24-48 VDC CANopen 0.1-5.0 A/Phase RS-232, CANopen Yes $585.00 / $438.75 24-48 VDC CANopen 0.1-5.0 A/Phase RS-232, CANopen No $541.00 / $405.75 94-135 VAC CANopen 0.5-6.0 A/Phase RS-232, CANopen Yes $1107.00 / $830.25 94-265 VAC CANopen 0.5-3.2 A/Phase RS-232, CANopen Yes $1212.00 / $909.00 24-80 VDC CANopen NA RS-232, CANopen NA $585.00 / $438.75 Model Number Supply Voltage Control Modes Output Current Communication Ports Encoder Feedback 1pc./50pc. 94-135 VAC CANopen 0.5-6.0 A/Phase RS-232, CANopen Yes $1107.00 / $830.25 94-265 VAC CANopen 0.5-3.2 A/Phase RS-232, CANopen Yes $1212.00 / $909.00 94-135 VAC Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.5-6.0 A/Phase RS-232, RS-485 Yes $1005.00 / $753.75 94-265 VAC Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.5-3.2 A/Phase RS-232, RS-485 Yes $1140.00 / $855.00 94-135 VAC Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.5-6.0 A/Phase RS-232, RS-485 Yes $1160.00 / $870.00 94-265 VAC Streaming Commands, Analog Positioning, Encoder Following, Q Programming 0.5-3.2 A/Phase RS-232, RS-485 Yes $1305.00 / $978.75 94-135 VAC Step & Direction, Velocity (Oscillator), Streaming Commands, SiNet Hub Compatible 0.5-6.0 A/Phase RS-232, RS-485 Yes $820.00 / $615.00 94-265 VAC Step & Direction, Velocity (Oscillator), Streaming Commands, SiNet Hub Compatible 0.5-3.2 A/Phase RS-232, RS-485 Yes $973.00 / $729.75 94-135 VAC Si Programming 0.5-6.0 A/Phase RS-232, RS-485 Yes $1077.00 / $807.75 94-264 VAC Si Programming 0.5-3.2 A/Phase RS-232, RS-485 Yes $1205.00 / $903.75 Products in the Series CANopen Products ST10-C-CE ST10-C-CN ST5-C-CE ST5-C-CN STAC6-C STAC6-C-220 SV7-C-CE Products in the Series STAC6 Stepper Drives STAC6-C STAC6-C-220 STAC6-Q STAC6-Q-220 STAC6-QE STAC6-QE-220 STAC6-S STAC6-S-220 STAC6-Si STAC6-Si-220 |