データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA54 データシート(PDF) 2 Page - Microsemi Corporation

部品番号 SA54
部品情報  5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SA54 データシート(HTML) 2 Page - Microsemi Corporation

  SA54 Datasheet HTML 1Page - Microsemi Corporation SA54 Datasheet HTML 2Page - Microsemi Corporation SA54 Datasheet HTML 3Page - Microsemi Corporation SA54 Datasheet HTML 4Page - Microsemi Corporation SA54 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSC1400.PDF 03-20-00
SA5.0
thru
SA170A
ELECTRICAL CHARACTERISTICS AT 25
°C
PART
NUMBER
BREAKDOWN
VOLTAGE V(BR)
MIN.
MAX
TEST
CURRENT
IT
RATED
STAND
OFF
VOLTAGE
VWM
MAX. REVERSE
STANDBY
CURRENT
ID @
VWM
MAX.
PEAK
REVERSE
VOLTAGE
VC MAX.
@ IPP
MAX. PEAK
PULSE
CURRENT
IPP
(Figure 2)
MAX.
TEMP.
COEFFICIENT
OF V(BR)
-55
°°°°C TO
175
°°°°C
α
αα
α
V(BR)
VOLTS
VOLTS
mA
VOLTS
µµµµ ADC
VOLTS
AMP
% /
°°°°C
SA5.0
6.40
7.30
10
5.0
600
9.6
52
.057
SA5.0A
6.40
7.00
10
5.0
600
9.2
54.3
.057
SA6.0
6.67
8.15
10
6.0
600
11.4
43.9
.059
SA6.0A
6.67
7.37
10
6.0
600
10.3
48.5
.059
SA6.5
7.22
8.82
10
6.5
400
12.3
40.7
.061
SA6.5A
7.22
7.98
10
6.5
400
11.2
44.7
.061
SA7.0
7.78
9.51
10
7.0
150
13.3
37.8
.065
SA7.0A
7.78
8.60
10
7.0
150
12.0
41.7
.065
SA7.5
8.33
10.2
1
7.5
50
14.3
35.0
.067
SA7.5A
8.33
9.21
1
7.5
50
12.9
38.8
.067
SA8.0
8.89
10.9
1
8.0
25
15.0
33.3
.070
SA8.0A
8.89
9.83
1
8.0
25
13.6
36.7
.070
SA8.5
9.44
11.5
1
8.5
5
15.9
31.4
.073
SA8.5A
9.44
10.4
1
8.5
5
14.4
34.7
.073
SA9.0
10.0
12.2
1
9.0
1
16.9
29.5
.076
SA9.0A
10.0
11.1
1
9.0
1
15.4
32.5
.076
SA10
11.1
13.6
1
10
1
18.8
26.6
.078
SA10A
11.1
12.3
1
10
1
17.0
29.4
.078
SA11
12.2
14.9
1
11
1
20.1
24.9
.081
SA11A
12.2
13.5
1
11
1
18.2
27.4
.081
SA12
13.3
16.3
1
12
1
22.0
22.7
.082
SA12A
13.3
14.7
1
12
1
19.9
25.1
.082
SA13
14.4
17.6
1
13
1
23.8
21.0
.084
SA13A
14.4
15.9
1
13
1
21.5
23.2
.084
SA14
15.6
19.1
1
14
1
25.8
19.4
.086
SA14A
15.6
17.2
1
14
1
23.2
21.5
.086
SA15
16.7
20.4
1
15
1
26.9
18.8
.087
SA15A
16.7
18.5
1
15
1
24.4
20.6
.087
SA16
17.8
21.8
1
16
1
28.8
17.6
.088
SA6A
17.8
19.7
1
16
1
26.0
19.2
.088
SA17
18.9
23.1
1
17
1
30.5
16.4
.090
SA17A
18.9
20.9
1
17
1
27.6
18.1
.090
SA18
20.0
24.4
1
18
1
32.2
15.5
.092
SA18A
20.0
22.1
1
18
1
29.2
17.2
.092
SA20
22.2
27.1
1
20
1
35.8
13.9
.093
SA20A
22.2
24.5
1
20
1
32.4
15.4
.093



Html Pages

1 2 3 4 5