| データシートサーチシステム |
|
SM5160DM データシート(PDF) 6 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5160DM データシート(HTML) 6 Page - Nippon Precision Circuits Inc |
|
6 / 7 page ![]() NIPPON PRECISION CIRCUITS-6 SM5160CM/DM Serial data input timing Serial data input timing is shown in figure 5. Data is read on the rising edge of CLK. The state on DATA should be changed in sync with the falling edge of CLK. LE should be LOW while data is being written to the shift register. When LE goes HIGH, data is transferred from the shift register to one of the frequency divider latches. Stand-by mode The stand-by mode is entered by setting VDD1, VDD2 to 0V while the device is operation. In the stand-by mode, the amplifiers of XIN, FIN and N/R counter are stopped. As long as voltage is provide to VDD3, data written in latch is kept. Exit from this mode to normal operation, therefore, is made by providing volt- age to VDD1, VDD2. In this mode, input to FIN must be done AC coupling, input to XIN must be done AC coupling or by crystal oscillator. In this mode, DOA, DOP should be in state of floating. CLK DATA 1234 56789 10 11 12 13 14 15 16 17 LE MSB CONTROL LSB Figure 5. Serial data input |