| データシートサーチシステム |
|
SM5006AKDS データシート(PDF) 11 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5006AKDS データシート(HTML) 11 Page - Nippon Precision Circuits Inc |
|
11 / 18 page ![]() SM5006 series NIPPON PRECISION CIRCUITS—11 Switching Characteristics 5006 ×N series 3V operation: VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted. P arameter Symbol Condition Rating Unit min typ m a x Output rise time tr1 Measurement cct 3, load cct 1, 0.1VDD to 0.9VDD , C L = 15 pF, Ta = –10 to 70 °C SM5006ANAS , CF5006ANA SM5006ANBS , CF5006ANB SM5006CNCS , CF5006CNC SM5006CNDS , CF5006CND SM5006DNCS , CF5006DNC – 3.5 7.0 ns tr2 Measurement cct 3, load cct 1, 0.1VDD to 0.9VDD , C L = 15 pF SM5006ANCS , CF5006ANC SM5006ANDS , CF5006AND SM5006ANES , CF5006ANE SM5006ANFS , CF5006ANF SM5006BNCS , CF5006BNC SM5006BNES , CF5006BNE SM5006CNES , CF5006CNE SM5006DNES , CF5006DNE – 3.5 7.0 Output fall time tf1 Measurement cct 3, load cct 1, 0.9VDD to 0.1VDD , C L = 15 pF, Ta = –10 to 70 °C SM5006ANAS , CF5006ANA SM5006ANBS , CF5006ANB SM5006CNCS , CF5006CNC SM5006CNDS , CF5006CND SM5006DNCS , CF5006DNC – 3.5 7.0 ns tf2 Measurement cct 3, load cct 1, 0.9VDD to 0.1VDD , C L = 15 pF SM5006ANCS , CF5006ANC SM5006ANDS , CF5006AND SM5006ANES , CF5006ANE SM5006ANFS , CF5006ANF SM5006BNCS , CF5006BNC SM5006BNES , CF5006BNE SM5006CNES , CF5006CNE SM5006DNES , CF5006DNE – 3.5 7.0 Output duty cycle*1 *1. Determined by the lot monitor. Duty Measurement cct 3, load cct 1, Ta = 25 °C, V DD = 3.3 V, CL = 15 pF, f = 30MHz SM5006ANAS , CF5006ANA SM5006ANBS , CF5006ANB SM5006ANCS , CF5006ANC SM5006CNCS , CF5006CNC 4 0–6 0 % Measurement cct 3, load cct 1, Ta = 25 °C, V DD = 3.3 V, CL = 15 pF, f = 40MHz SM5006CNDS , CF5006CND SM5006DNCS , CF5006DNC 4 0–6 0 Measurement cct 3, load cct 1, Ta = 25 °C, V DD = 3.3 V, CL = 15 pF, f = 50MHz SM5006ANDS , CF5006AND SM5006BNCS , CF5006BNC 4 0–6 0 Measurement cct 3, load cct 1, Ta = 25 °C, V DD = 3.3 V, CL = 15 pF, f = 70MHz SM5006ANES , CF5006ANE SM5006ANFS , CF5006ANF SM5006BNES , CF5006BNE SM5006CNES , CF5006CNE SM5006DNES , CF5006DNE 4 0–6 0 Output disable delay time tPLZ Measurement cct 3, load cct 1, Ta = 25 °C, V DD = 5 V, CL ≤ 15 pF – – 100 ns Output enable delay time tPZL – – 100 ns |