データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM36 データシート(PDF) 2 Page - Microsemi Corporation

部品番号 SM36
部品情報  TVSarray Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM36 データシート(HTML) 2 Page - Microsemi Corporation

  SM36 Datasheet HTML 1Page - Microsemi Corporation SM36 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSC1378.PDF
ISO 9001 CERTIFIED
REV F 1/21/2000
SM03 thru SM36
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product
selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
WAVE FORMS
MOUNTING PAD SOT23
CIRCUIT DIAGRAM
0
10
20
30
0
50
100
t -- Time in microsec
Peak Value -- Ipp
Half-Value --
Ipp
2
8 X 20 Waveform
t
td
PACKAGE OUTLINE
FIGURE 2
Pulse Wave Form
FIGURE 1
Peak Pulse Power Vs Pulse Time



Html Pages

1 2