| データシートサーチシステム |
|
USB50424 データシート(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
USB50424 データシート(HTML) 1 Page - Microsemi Corporation |
|
1 / 2 page ![]() MSC1372.PDF ISO 9001 CERTIFIED REV D 9/19/2000 USB50403 thru USB50424 TVSarray ™ Series 8700 E. Thomas Road Scottsdale, AZ 85251 Tel: (480) 941-6300 Fax: (480) 947-1503 DESCRIPTION (500 watt) This 4 pin 1 line unidirectional ULTRA LOW CAPACITANCE array is designed for use in applications requiring board level protection from voltage transients caused by electrostatic discharge (ESD) as defined by IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4 and effects of secondary lightning. These arrays are used to protect 1 discrete line utilizing pins (1,4 signal and 2,3 ground). The S0T-143 product provides board level protection from static electricity and other induced voltage surges that can damage sensitive circuitry. These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays protect 3.3 Volt components such as DRAM’s, SRAM’s, CMOS, HCMOS, HSIC, and low voltage interfaces up to 24Volts. FEATURES MECHANICAL • Protects 3.3 up through 24V Components • Molded SOT-143 Surface Mount • Protects 1 line bidirectional • Weight: .035 grams (approximate) • Provides electrically isolated protection • Body Marked with device marking • SOT-143 Packaging code • ULTRA LOW CAPACITANCE 3 pF • Pin #1 defined by DOT on top of package MAXIMUM RATINGS PACKAGING • Operating Temperatures: -55 0C to +1500C • Tape & Reel EIA Standard 481-1-A • Storage Temperature: -55 0C to +1500C • 7 inch reel 3,000 pieces • Peak Pulse Power: 500 Watts (8/20 µsec, Figure 1) • Pulse Repetition Rate: <.01% ELECTRICAL CHARACTERISTICS @ 25 0C Unless otherwise specified STAND OFF VOLTAGE VWM VOLTS BREAKDOWN VOLTAGE VBR @1 mA VOLTS CLAMPING VOLTAGE VC @ 1 Amp (FIGURE 2) VOLTS CLAMPING VOLTAGE VC @ 5 Amp (FIGURE 2) VOLTS STAND OFF CURRENT ID @ VWM µA CAPACITANCE (f=1 MHz) @0V C pF TEMPERATURE COEFFICIENT OF VBR áVBR mV/°C PART NUMBER DEVICE MARKING MAX MIN MAX MAX MAX MAX MAX USB50403 AA 3.3 4 8 11 200 3 -5 USB50405 AB 5.0 6.0 10.8 13 20 3 1 USB50412 AC 12.0 13.3 19 26 1 3 8 USB50415 AD 15.0 16.7 25 32 1 3 11 USB50424 AE 24.0 26.7 44 57 1 3 28 NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected. |
同様の部品番号 - USB50424 |
|
同様の説明 - USB50424 |