| データシートサーチシステム |
|
SM5838AS データシート(PDF) 13 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5838AS データシート(HTML) 13 Page - Nippon Precision Circuits Inc |
|
13 / 14 page ![]() SM5838AS NIPPON PRECISION CIRCUITS—13 Wipe Function (Screen Switching) Because RE and OE operate independently, a screen wipe function can be realized using 2 SM5838AS devices by switching OE LOW/HIGH in field units. Screen wipe (OE changes in field units) Screen wipe image (left to right) (A)DIN 012345 909 012345 012345 0 12345 909 nH-1H nH nH+1H 0123 45 nH-2H nH CLK WE RW (B)DIN (A)OE (A)RR (B)DOUT nH-1H nH+1H (A)DOUT (B)RE (B)OE (B)RR 012345 909 012345 012345 0 12345 909 nH'-1H nH' nH'+2H 909 909 909 909 (A)RE 123 45 909 0123 45 0123 45 0 123 45 909 909 909 0 nH'-2H nH' nH'-1H nH'+1H nH+2H nH'+1H 909 (A) (B) |