| データシートサーチシステム |
|
ACE9030M/IW/FP2N データシート(PDF) 24 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
ACE9030M/IW/FP2N データシート(HTML) 24 Page - Mitel Networks Corporation |
|
24 / 39 page ![]() 24 ACE9030 SM SM Main bit 1 bit 0 Tap 00 ÷1 01 ÷4 10 ÷2 11 ÷8 FUNCTIONAL DESCRIPTION - BLOCKS IN THE SYNTHESISERS There are two synthesisers in the ACE9030 for use by the radio system, a Main loop to set the first local oscillator to the frequency needed for the channel to be received and an Auxiliary loop to generate an offset frequency to be mixed with the Main output to give the transmit frequency. The modula- tion is added to the Auxiliary loop by pulling the VCO tank circuit and is then mixed onto the final carrier frequency. In a typical cellular terminal the first Intermediate Frequency is 45 MHz so the Main synthesiser will be set 45 MHz above the receive channel frequency. Many cellular systems operating around 900 MHz use a 45 MHz transmit-receive offset, with the mobile transmit channel below the receive channel fre- quency so the Auxiliary synthesiser will be set to a fixed frequency of 90 MHz. Loop dynamics needed for the Main synthesiser are set by the re-tuning time during hand-off and to help simplify the off-chip loop filter components there are Fractional-N and Speed-up modes available for this synthsiser, primarily for use in ETACS terminals. The Auxiliary loop does not change frequency so the only constraints are power-up time and microphonics, so a simple synthesiser is used. The two loops share a common reference divider to save power and also to control the relative phase of the two sets of charge pumps. As described in the section FUNCTIONAL DESCRIP- TION - CONTROL BUS there is often benefit in holding LATCHC at a high level to minimise bus clock interference to the synthesiser loops. The dummy word in figure 11 is the preferred technique to set LATCHC to high for normal opera- tion. At power-on, the reset generator in the Radio Interface section is used to initialise both synthesisers to their power down state. In this state they can be programmed with required numbers to be ready for power-on when the whole terminal has fully initialised. Fig. 22 Reference Divider A common reference divider is used for the two synthesis- ers, but to allow some difference in comparison frequencies the final four stage output selectors are repeated for each synthesiser as shown in figure 22. To reduce interaction between the two synthesisers the divider outputs are ar- ranged in antiphase so that loop correction charge pump pulses occur alternately in each loop. This phase separation also reduces the peak current in the charge pump power supply and can reduce interference to other sections of the mobile terminal. The input clock to the reference divider is the internal signal XO from the crystal oscillator. The two outputs drive the Auxiliary and the Main phase detectors directly. A standby mode is available for the reference divider and is enabled whenever both synthesisers are in standby. The programming numbers are all loaded from the serial bus in Word D, NR directly sets the ratio of the 12 bit divider but SA and SM select the final divisions as in the following tables: SA SA Auxiliary bit 1 bit 0 Tap 00 ÷1 01 ÷4 10 ÷2 11 ÷8 The minimum allowed value of NR is set by the need to generate some small time windows around the comparison edges for Lock Detect logic and for Fractional-N compensation so a value of at least 8 is required. The maximum NR is 4095 as normal for a 12 bit counter and this is then increased by a factor of 1, 2, 4, or 8 in the final divider. A typical required reference division is ÷512 so neither of these limits should constrain the system design. Reference Divider Q Q Q Q Q Q Q Q SELECT - 1/2/4/8 : SELECT 12 BIT DIVIDER XO NR FROM BUS SM FROM BUS SM FROM BUS COMP.FREQ. TO AUXILIARY PHASE DETECTOR COMP.FREQ. TO MAIN PHASE DETECTOR |