データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE4605 データシート(PDF) 2 Page - Pasternack Enterprises, Inc.

部品番号 PE4605
部品情報  75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG6
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4605 データシート(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4605 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4605 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4605 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment For RG6 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment For RG6 PE4605
URL: http://www.pasternack.com/bnc-male-standard-rg6-connector-pe4605-p.aspx
75 Ohm BNC Male Right Angle Connector
Clamp/Solder Attachment For RG6
PE4605
PE4605 REV 01



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com