データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MH89101 データシート(PDF) 2 Page - Mitel Networks Corporation

部品番号 MH89101
部品情報  Passive Line Termination Circuit Advance Information
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITEL [Mitel Networks Corporation]
ホームページ  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89101 データシート(HTML) 2 Page - Mitel Networks Corporation

  MH89101 Datasheet HTML 1Page - Mitel Networks Corporation MH89101 Datasheet HTML 2Page - Mitel Networks Corporation MH89101 Datasheet HTML 3Page - Mitel Networks Corporation MH89101 Datasheet HTML 4Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9-30
MH89101
Advance Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1TXin+
Transmit Line Signal Input. Must be connected to the Lout+ output of the DSLIC.
2XFM+
Transformer. Node of the 2 to 4 wire converter which must be connected to the primary of
the line transformer.
3RXout+
Receive Line Signal Output. Output of the compensator circuit which must be connected
to the Lin+ input of the DSLIC.
4RXout-
Receive Line Signal Output. Output of the compensator circuit which must be connected
to the Lin- input of the DSLIC.
5XFM-
Transformer. Node of the 2 to 4 wire converter which must be connected to the primary of
the line transformer.
6TXin-
Transmit Line Signal Input. Must be connected to the Lout- output of the DSLIC.
(component side)
TXin +
XFM +
RXout +
RXout -
XFM -
TXin -
1
2
3
4
5
6



Html Pages

1 2 3 4