| データシートサーチシステム |
|
MT8941B データシート(PDF) 21 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT8941B データシート(HTML) 21 Page - Mitel Networks Corporation |
|
21 / 22 page ![]() Package Outlines Plastic Dual-In-Line Packages (PDIP) - E Suffix DIM 22-Pin 24-Pin 28-Pin 40-Pin Plastic Plastic Plastic Plastic Min Max Min Max Min Max Min Max A 0.210 (5.33) 0.250 (6.35) 0.250 (6.35) 0.250 (6.35) A2 0.125 (3.18) 0.195 (4.95) 0.125 (3.18) 0.195 (4.95) 0.125 (3.18) 0.195 (4.95) 0.125 (3.18) 0.195 (4.95) b 0.014 (0.356) 0.022 (0.558) 0.014 (0.356) 0.022 (0.558) 0.014 (0.356) 0.022 (0.558) 0.014 (0.356) 0.022 (0.558) b2 0.045 (1.15) 0.070 (1.77) 0.030 (0.77) 0.070 (1.77) 0.030 (0.77) 0.070 (1.77) 0.030 (0.77) 0.070 (1.77) C 0.008 (0.204) 0.015 (0.381) 0.008 (0.204) 0.015 (0.381) 0.008 (0.204) 0.015 (0.381) 0.008 (0.204) 0.015 (0.381) D 1.050 (26.67) 1.120 (28.44) 1.150 (29.3) 1.290 (32.7) 1.380 (35.1) 1.565 (39.7) 1.980 (50.3) 2.095 (53.2) D1 0.005 (0.13) 0.005 (0.13) 0.005 (0.13) 0.005 (0.13) E 0.390 (9.91) 0.430 (10.92) 0.600 (15.24) 0.670 (17.02) 0.600 (15.24) 0.670 (17.02) 0.600 (15.24) 0.670 (17.02) E 0.290 (7.37) .330 (8.38) E1 0.330 (8.39) 0.380 (9.65) 0.485 (12.32) 0.580 (14.73) 0.485 (12.32) 0.580 (14.73) 0.485 (12.32) 0.580 (14.73) E1 0.246 (6.25) 0.254 (6.45) e 0.100 BSC (2.54) 0.100 BSC (2.54) 0.100 BSC (2.54) 0.100 BSC (2.54) eA 0.400 BSC (10.16) 0.600 BSC (15.24) 0.600 BSC (15.24) 0.600 BSC (15.24) eA 0.300 BSC (7.62) eB 0.430 (10.92) L 0.115 (2.93) 0.160 (4.06) 0.115 (2.93) 0.200 (5.08) 0.115 (2.93) 0.200 (5.08) 0.115 (2.93) 0.200 (5.08) α 15 ° 15 ° 15 ° 15 ° E1 32 1 E n-2 n-1 n L D D1 b2 A2 e b C eA Notes: 1) Not to scale 2) Dimensions in inches 3) (Dimensions in millimeters) A eB α Shaded areas for 300 Mil Body Width 24 PDIP only |