| データシートサーチシステム |
|
LS3102 データシート(PDF) 1 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS3102 データシート(HTML) 1 Page - BOWIN ELECTRONIC CO. |
|
1 / 8 page ![]() LSI LS3102 Simple LCD micro-controller Features : * 8 Input pad, 4 I/O, 2 output pad * EL driver output. * Direct drive buzzer output. * 1024x12 bit ROM * 73x4 bit of RAM. * 28x2, x3, or x4 LCD segment mask option * 8 bit tone generator. * 4 bit event counter. * 12 (of 28 segment) output mask option * 32768 Crystal/RC oscillator bonding option * Single 3.0V operation. * Low cost and low price. General Description The LS3102 is a simple micro-controller for LCD application. It has an internal ROM size of 1Kx12bit. A total of 73x4 bit RAM. LCD can be configured to be 1/2, 1/3, 1/4 duty mask option. A total of 28 segment PAD can be configured to be 28x2, 28x3 or 16x4 + 12x3 LCD segment. LCD bias is 1/2. Segment pad S17-S28 can be configured as output pad by mask option. The LS3102 integrates a 8 bit counter for tone/music generation. It also integrates a 4 bit event counter for recording external triggers. It has a total of 8 input pad, 4 I/O pad and 2 output pad. The output pad can be configured to be EL driver output by mask option. It has low power consumption. |
同様の部品番号 - LS3102 |
|
同様の説明 - LS3102 |