| データシートサーチシステム |
|
LS5015 データシート(PDF) 1 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS5015 データシート(HTML) 1 Page - BOWIN ELECTRONIC CO. |
|
1 / 7 page ![]() LSI LS5015 Simple LCD micro-controller Features : * 6 Input pad, 4 output pad * Direct drive buzzer output. * 512x11 bit ROM * 20x4 bit of RAM. * 4 digit plus 2 dot LCD * 10x3 LCD segment * 32768 Crystal/RC oscillator mask option * Single 1.5V operation. * Low cost and low price. General Description The LS5015 is a simple micro-controller for LCD application. It has an internal ROM size of 512x11bit. A 20x4 bit of RAM. 4 digit plus 2 dot LCD format on 10x3 lcd segment. |
同様の部品番号 - LS5015 |
|
同様の説明 - LS5015 |