| データシートサーチシステム |
|
PDSP16256AC データシート(PDF) 8 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP16256AC データシート(HTML) 8 Page - Mitel Networks Corporation |
|
8 / 28 page ![]() PDSP16256 8 SPEED MODE 0 (Data input and output at fSCLK) CR14:13 = 00, CR12 = 0. CLKOP held high. 12 3 AB C 16 17 18 A ′ B ′ C ′ 31 32 33 A ′′ B ′′ C ′′ 34 35 D ′′ E ′′ SCLK FEN DA15:0 F31:0 CLKOP SPEED MODE 1 (Data input and output at half fSCLK) CR14:13 = 01, CR12 = 0 12 3 AB 16 17 18 A ′ B ′ 78 79 80 A ′′ B ′′ C ′′ 81 82 SCLK FEN DA15:0 F31:0 CLKOP First data point (A) is read on edge 1 First valid result including data point (A) available after edge 16 Valid result contains the first 16 data points available after edge 31 First data point (A) is read on edge 1 First valid result including data point (A) available after edge 16 Valid result contains the first 32 data points available after edge 78 SPEED MODE 2 (Data input and output at a quarter fSCLK) CR14:13 = 10, CR12 = 0 12 3 AB 20 21 22 A ′ B ′ 272 273 A ′′ B ′′ SCLK FEN DA15:0 F31:0 CLKOP First data point (A) is read on edge 1 First valid result including data point (A) available after edge 20 Valid result contains the first 64 data points available after edge 272 45 23 24 274 275 276 SPEED MODE 3 (Data input and output at an eighth fSCLK) CR14:13 = 11, CR12 = 0 12 3 A B 24 25 26 A ′ B ′ 1040 A ′′ SCLK FEN DA15:0 F31:0 CLKOP First data point (A) is read on edge 1 First valid result including data point (A) available after edge 24 Valid result contains the first 128 data points available after edge 1040 45 27 28 1041 1042 1043 67 89 29 30 31 32 SPEED MODE 1 Decimating (Data input at half fSCLK and output at a quarter fSCLK) CR14:13 = 01, CR12 = 1. 12 3 AB 18 19 20 B ′ 142 143 144 145 SCLK FEN DA15:0 F31:0 CLKOP First data point (A) is read on edge 1 First valid result including data point (A) available after edge 18 Valid result contains the first 64 data points available after edge 142 21 22 B ′′ Figure. 7 Single Filter timing diagrams |