| データシートサーチシステム |
|
PDSP1601AB0AC データシート(PDF) 14 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP1601AB0AC データシート(HTML) 14 Page - Mitel Networks Corporation |
|
14 / 17 page ![]() PDSP1601/PDSP1601A 14 TYPICAL APPLICATION Select a 16 bit field from each word in a block of 32 bit words with a 10MHz throughput. The 16 bit field indicated is to be selected from each 32 bit word. (2) The LS byte is logically right shifted, n-places, the LSBs being discarded and the MSBs being filled with zeros. This shifted data is loaded into the shifter register file left register. During this cycle the previous contents of this register are passed through the ALU to the ALU register file left register. (3) While the MS byte of the next 32 bit word is shifted in the Barrel Shifter, the two previous results, resident within the left registers of the ALU and Shifter Register files are 'ORed' by the ALU, the result being the desired 16 bit field is loaded into the ALU register file right register ready to be output on the next cycle. The instructions from initialisation are given in Table 6. 88 8 8 MS Byte LS Byte MS Bit 16 bits nbits The 32 bit words are fed into the B port of the PDSP1601 in two cycles, MS byte first. The PDSP1601 shift control is initiated by programming the R1 and R2 registers with n and 16-n respectively. The shift operation is implemented in three steps:- (1) The MS byte is logically left shifted (16-n) places, the MSBs being discarded and the LSB spaces being filled with zeros. This shifted data is loaded into the shifter register file left register. CLK 1/ 2/ 3/ 4/ 5/ 6/ 7/ 8/ CEB 1 1 0 0 0 0 0 0 MSA MARSX MARSX MARSX MARSX MARSX MARAX MARSX MARAX MSB 1 1 1 1 1 1 1 1 MSS 0 0 0 0 0 0 0 0 MSC 0 0 0 0 0 0 0 0 IA CLRXX PASXA PASXA PASXA PASXA ORXAB PASXA ORXAB IS X LR1SV LR2SV LSLR2 LSRR1 LSLR2 LSRR1 LSLR2 SV X n (16-n) X X X X X RA NOPLR NOPLR NOPLR NOPLR LLRRR LRRLR LLRRR LRRLR RS NOPLR NOPLR NOPLR LLRLR LLRLR LLRLR LLRLR LLRLR Comment Clear Load R1 with n Load R2 with (16-n) Shift 1st MS byte Shift 1st LS byte OR 1st bytes and shift 2nd MS byte Shift 2nd LS byte and output first result Shift 3rd LS byte Repeat instruction pair 5/ and 6/ until all 16 bit fields have been selected. Table 6 ABSOLUTE MAXIMUM RATINGS (Note 1) Supply voltage Vcc -0.5V to 7.0V Input voltage V IN -0.9 to Vcc + 0.9V Output voltage V OUT -0.9 to Vcc + 0.9V Clamp diode current per pin Ik (see note 2) ±18mA Static discharge voltage (HMB) 500V Storage temperature T S -65 °C to +150°C Ambient temperature with power applied T amb Military -40 °C to +125°C Industrial -40 °C to +85°C Package power dissipation PTOT AC 1000mw LC 1000mw NOTES 1. Exceeding these ratings may cause permanent damage. Functional operation under these conditions is not implied. 2. Maximum dissipation or 1 second should not be exceeded, only one output to be tested at any one time. THERMAL CHARACTERISTICS Package type ΘJC °C/W ΘJA °C/W AC 12 36 GC 12 35 |