| データシートサーチシステム |
|
SM5879AV データシート(PDF) 13 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5879AV データシート(HTML) 13 Page - Nippon Precision Circuits Inc |
|
13 / 20 page ![]() SM5879AV NIPPON PRECISION CIRCUITS—13 Selection and Setting of Functions SM5879AV offers a variety of functions. Fundamen- tally, there are two methods available for selecting and setting these functions. One method is using an external input pin; this is called parallel setting. The other method is by using the microcontroller interface, which is called micro- controller setting. Microcontroller interface refers here to serial data transfer from the microcontroller using the three pins MDT, MCK, and MLEN. These two methods of setting and selection are set by the P/M pin. When P/M is HIGH, parallel setting is used. When P/M is LOW, microcontroller setting is used. Table 1. Selection and Setting of Functions Function Function Setting Methods Notes Parallel setting Related external pin name (When P/M is HIGH) Microcontroller setting Related flag (When P/M is LOW) Bass boost BB1, BB2 FBB1, FBB2 Bass boost Bass boost detection output None Output to BBON Bass boost detection output Deemphasis filter DEEM FDEM Deemphasis filter Soft mute MUTE None (Enabled by attenuator) Soft mute Attenuator setting None 7 bits (A6 - A0) Attenuation Monaural setting None MONO, CSEL Stereo/mono output setting |