| データシートサーチシステム |
|
LMP8278 データシート(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMP8278 データシート(HTML) 11 Page - Texas Instruments |
|
11 / 23 page ![]() 2 C = 1 C K - 1 = 1 C Q 0 1 Z R C1 = R1Z0 (K-1)Q OUT LMP8278 + - Preamplifier +IN -IN Output Buffer Gain = 2 A1 A2 Gain = 7 100 k: C2 C1 R2 K1 K2 8 1 3 4 5 Internal R1 = 2 R 1 R 2 Q 2 R = 1 R ( ) 2 1 Q K - LMP8278 www.ti.com SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013 R2 can be calculated based on the desired value of Q as the first step of the design procedure with the following equation: (7) For the gain of 2 for the LMP8278 this results in: (8) Figure 21. Second Order Low Pass Filter For instance, the value of Q can be set to 0.5 √2 to create a Butterworth response, to 1/√3 to create a Bessel response, or to 0.5 to create a critically damped response. Once the value of R2 has been found, the second and last step of the design procedure is to calculate the required value of C to give the desired low-pass cut-off frequency using: (9) Which for the gain=2 will give: (10) For C2 the value is calculated with: (11) Or, for a gain=2, C2=C1 Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LMP8278 |