データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMT85LP データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMT85LP
部品情報  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMT85LP データシート(HTML) 10 Page - Texas Instruments

Back Button LMT85LP Datasheet HTML 6Page - Texas Instruments LMT85LP Datasheet HTML 7Page - Texas Instruments LMT85LP Datasheet HTML 8Page - Texas Instruments LMT85LP Datasheet HTML 9Page - Texas Instruments LMT85LP Datasheet HTML 10Page - Texas Instruments LMT85LP Datasheet HTML 11Page - Texas Instruments LMT85LP Datasheet HTML 12Page - Texas Instruments LMT85LP Datasheet HTML 13Page - Texas Instruments LMT85LP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
(-8.20 mV /
oC) u
V =
T + 1569 mV
(-8.20 mV /
oC) u
V - 1405 mV =
(T - 20
oC)
1159 mV - 1405 mV
50
oC - 20oC
u
¹
·
V - 1405 mV =
(T - 20
oC)
V2 - V1
T2 - T1
u
¹
·
V - V1 =
(T - T1)
30
00262
.
0
2
mV
V
1324
00262
.
0
4
194
.
8
194
.
8
T
TEMP
2
u
u
u
ª
º
ª
º
«
»
«
»
¬
¼ ¬
¼
2
TEMP
2
mV
mV
V
mV = 1324.0mV - 8.194
T - 30°C
- 0.00262
T - 30°C
°C
°C
LMT85, LMT85-Q1
SNIS168C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
Table 1. LMT85/LMT85-Q1 Transfer Table (continued)
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
-32
1822
8
1502
48
1176
88
839
128
495
-31
1814
9
1494
49
1167
89
831
129
487
-30
1806
10
1486
50
1159
90
822
130
478
-29
1798
11
1478
51
1151
91
814
131
469
-28
1790
12
1470
52
1143
92
805
132
460
-27
1783
13
1462
53
1134
93
797
133
452
-26
1775
14
1454
54
1126
94
788
134
443
-25
1767
15
1446
55
1118
95
779
135
434
-24
1759
16
1438
56
1109
96
771
136
425
-23
1751
17
1430
57
1101
97
762
137
416
-22
1743
18
1421
58
1093
98
754
138
408
-21
1735
19
1413
59
1084
99
745
139
399
-20
1727
20
1405
60
1076
100
737
140
390
-19
1719
21
1397
61
1067
101
728
141
381
-18
1711
22
1389
62
1059
102
720
142
372
-17
1703
23
1381
63
1051
103
711
143
363
-16
1695
24
1373
64
1042
104
702
144
354
-15
1687
25
1365
65
1034
105
694
145
346
-14
1679
26
1356
66
1025
106
685
146
337
-13
1671
27
1348
67
1017
107
677
147
328
-12
1663
28
1340
68
1008
108
668
148
319
-11
1656
29
1332
69
1000
109
660
149
310
150
301
Although the LMT85/LMT85-Q1 is very linear, its response does have a slight umbrella parabolic shape. This
shape is very accurately reflected in Table 1. The Transfer Table can be calculated by using the parabolic
equation.
(1)
The parabolic equation is an approximation of the transfer table and the accuracy of the equation degrades
slightly at the temperature range extremes. Equation 1 can be solved for T resulting in:
(2)
For an even less accurate linear transfer function approximation, a line can easily be calculated over the desired
temperature range using values from the Table and a two-point equation:
(3)
Where V is in mV, T is in °C, T1 and V1 are the coordinates of the lowest temperature, T2 and V2 are the
coordinates of the highest temperature.
For example, if we want to resolve this equation, over a temperature range of 20°C to 50°C, we would proceed
as follows:
(4)
(5)
(6)
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com